Part Number Hot Search : 
D8042 NJM2720 D85C220 AOD7N65 UPC1210C 74LVC125 EN4403B AKD46
Product Description
Full Text Search
 

To Download BAS21N3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
High voltage switching diode
Spec. No. : C355N3-A Issued Date : 2004.04.13 Revised Date Page No. : 1/4
BAS21N3
Description
The BAS21N3 is a general purpose diode fabricated in planar technology and encapsulated in a small SOT-23 plastic SMD package.
Features
*Fast switching speed : max. 50ns *Small plastic SMD package *General application. *Continuous reverse voltage : max. 200V *Repetitive peak reverse voltage : max. 250V *Repetitive peak forward current : max. 625mA
Applications
*General purpose switching in e.g. surface mounted circuits.
Symbol
Outline
BAS21N3 2 3 1Anode 2Not Connected 3Cathode 1
SOT-23
Cathode
Not Connected Anode
BAS21N3
CYStek Product Specification
CYStech Electronics Corp.
Absolute Maximum Ratings @TA=25
Parameter Repetitive peak reverse voltage Continuous reverse voltage Continuous forward current Repetitive peak forward current Non-repetitive peak forward current @square wave, Tj=25 prior to surge Symbol VRRM VR IF IFRM t=1s t=100s t=10ms IFSM Ptot Tj Tstg Min -65
Spec. No. : C355N3-A Issued Date : 2004.04.13 Revised Date Page No. : 2/4
Max 250 200 200 625 9 3 1.7 250 150 +150
Unit V V mA mA A A A mW C C
Total power dissipation(Note 1) Junction Temperature Storage Temperature
Note 1: Device mounted on an FR-4 PCB.
Electrical Characteristics @ Tj=25 unless otherwise specified
Parameters Forward voltage Reverse current Diode capacitance Reverse recovery time Symbol VF IR Cd trr Conditions IF=100mA IF=200mA VR=200V VR=200V,Tj=150 VR=0V, f=1MHz when switched from IF=30mA to IR=30mA,RL=100, measured at IR=3mA Min Typ. Max 1 1.25 100 100 5 50 Unit V V nA A pF ns
Thermal Characteristics
Symbol Rth,j-tp Rth, j-a Parameter thermal resistance from junction to tie-point thermal resistance from junction to ambient Conditions
Note 1
Value 330 500
Unit /W /W
Note 1: Device mounted on an FR-4 PCB.
BAS21N3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Forward Characteristics
1000
F(mA)
Spec. No. : C355N3-A Issued Date : 2004.04.13 Revised Date Page No. : 3/4
Reverse Leakage Current vs Junction Temperature 100
Reverse Leakage Current---I R(A)
Instantaneous Forward Current---I
100
10
10
1
1
0.1
0.1
0.01 0 1 Instantaneous Forward Voltage---VF(V) 2
0.01
0 100 Junction Temperature---Tj() 200
Power Derating Curve
300 Power Dissipation---PD(mW) 250 200 150 100 50 0 0 50 100 150 200 Ambient Temperature---TA()
BAS21N3
CYStek Product Specification
CYStech Electronics Corp.
SOT-23 Dimension
Spec. No. : C355N3-A Issued Date : 2004.04.13 Revised Date Page No. : 4/4
Marking:
A L 3 B 1 2 3-Lead SOT-23 Plastic Surface Mounted Package CYStek Package Code: N3 Style:Pin.1. Anode 2. Not Connected 3.Cathode D K S
JS TE
V
G
C
H
J
*: Typical
DIM A B C D G H
Inches Min. Max. 0.1102 0.1204 0.0472 0.0630 0.0335 0.0512 0.0118 0.0197 0.0669 0.0910 0.0005 0.0040
Millimeters Min. Max. 2.80 3.04 1.20 1.60 0.89 1.30 0.30 0.50 1.70 2.30 0.013 0.10
DIM J K L S V
Inches Min. Max. 0.0034 0.0070 0.0128 0.0266 0.0335 0.0453 0.0830 0.1083 0.0098 0.0256
Millimeters Min. Max. 0.085 0.177 0.32 0.67 0.85 1.15 2.10 2.75 0.25 0.65
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BAS21N3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BAS21N3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X